Part Number Hot Search : 
60800 FSS212 TC123 CK2445 TC115 24AA0 03C24 312100
Product Description
Full Text Search
 

To Download IRHY57230CMSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93822B
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Product Summary
Part Number IRHY57230CMSE Radiation Level 100K Rads (Si) RDS(on) 0.23 ID 12A
IRHY57230CMSE JANSR2N7489T3 200V, N-CHANNEL REF:MIL-PRF-19500/705
5
TECHNOLOGY
QPL Part Number JANSR2N7489T3
International Rectifier's R5TM technology provides high performance power MOSFETs for space applications. These devices have been characterized for Single Event Effects (SEE) with useful performance up to an LET of 80 (MeV/(mg/cm2)). The combination of low RDS(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
TO-257AA
Features:
n n n n n n n n n
Single Event Effect (SEE) Hardened Ultra Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Ceramic Package Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current A Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy A Avalanche Current A Repetitive Avalanche Energy A Peak Diode Recovery dv/dt A Operating Junction Storage Temperature Range Lead Temperature Weight For footnotes refer to the last page 12 7.6 48 75 0.6 20 60 12 7.5 5.4 -55 to 150
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
300 (0.063in./1.6mm from case for 10sec) 4.3 (Typical)
g
www.irf.com
1
06/10/04
IRHY57230CMSE, JANSR2N7489T3
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BVDSS/TJ Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage g fs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
200 -- -- 2.5 6.0 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.26 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 6.8 -- -- 0.23 4.5 -- 10 25 100 -100 28 9.0 12 25 100 35 30 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID = 7.6A A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 7.6A A VDS= 160V ,VGS=0V VDS = 160V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =12V, ID = 12A VDS = 100V VDD = 100V, ID = 12A, VGS =12V, RG = 7.5
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns
nH
Measured from drain lead (6mm 0.25in. from package) to source lead (6mm/0.25in. from package) VGS = 0V, VDS = 25V f = 1.0MHz
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
1000 184 11
-- -- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD trr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 12 48 1.2 300 3.2
Test Conditions
A
V nS C Tj = 25C, IS = 12A, VGS = 0V A Tj = 25C, IF = 12A, di/dt 100A/s VDD 25V A
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthJA Junction-to-Case Junction-to-Ambient
Min Typ Max
-- -- -- -- 1.67 80
Units
C/W
Test Conditions
Typical Socket Mount
Note: Corresponding Spice and Saber models are available on International Rectifier Website. For footnotes refer to the last page
2
www.irf.com
Radiation Characteristics
IRHY57230CMSE, JANSR2N7489T3
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation AA
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source On-State Resistance (TO-3) Static Drain-to-Source On-State Resistance (TO-257AA) Diode Forward Voltage
Min
200 2.0 -- -- -- -- -- --
100K Rads (Si)
Max
-- 4.5 100 -100 10 0.232 0.23 1.2
Units
V nA A V
Test Conditions
VGS = 0V, ID = 1.0mA VGS = VDS , ID = 1.0mA VGS = 20V VGS = -20V VDS=160V, VGS=0V VGS = 12V, ID = 7.6A VGS = 12V, ID = 7.6A VGS = 0V, ID = 12A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion Br I Au LET MeV/(mg/cm2)) 36.7 59.8 82.3 Energy (MeV) 309 341 350 VDS (V) Range (m) @VGS=0V @VGS=-5V @VGS=-10V @VGS=-15V @VGS=-20V 39.5 200 200 200 200 200 32.5 200 200 200 185 120 28.4 200 200 150 50 25
250 200 VDS 150 100 50 0 0 -5 -10 VGS -15 -20 Br I Au
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHY57230CMSE, JANSR2N7489T3
Pre-Irradiation
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
100
10
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
1
5.0V
1
0.1
5.0V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.01 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 12A
I D , Drain-to-Source Current (A)
TJ = 150 C
10
2.0
1.5
TJ = 25 C
1
1.0
0.5
0.1 5.0
V DS = 15 50V 20s PULSE WIDTH 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = 12V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
4
www.irf.com
Pre-Irradiation
IRHY57230CMSE, JANSR2N7489T3
2000
1600
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 12A
VDS = 160V VDS = 100V VDS = 40V
C, Capacitance (pF)
15
1200
Ciss Coss
10
800
400
Crss
5
0
1
10
100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 10 20 30 40 50
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
TJ = 150 C
10
ID, Drain-to-Source Current (A)
10
100s 1ms
TJ = 25 C
1
1 Tc = 25C Tj = 150C Single Pulse 1.0 10 100
10ms
1000
0.1 0.3
V GS = 0 V
0.6 0.9 1.2 1.5
0.1
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
IRHY57230CMSE, JANSR2N7489T3
Pre-Irradiation
12
VDS VGS RG
RD
10
D.U.T.
+
ID , Drain Current (A)
8
-V DD
VGS
6
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
VDS 90%
25 50 75 100 125 150
2
0
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
Pre-Irradiation
IRHY57230CMSE, JANSR2N7489T3
100
EAS , Single Pulse Avalanche Energy (mJ)
TOP
80
15V
BOTTOM
ID 5.4A 9.6A 12A
VDS
L
DRIVER
60
RG
D.U.T.
IAS tp
+ - VDD
A
40
VGS 20V
0.01
Fig 12a. Unclamped Inductive Test Circuit
20
0
25
50
75
100
125
150
V(BR)DSS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
VG
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
www.irf.com
7
IRHY57230CMSE, JANSR2N7489T3
Pre-Irradiation
Footnotes:
A Repetitive Rating; Pulse width limited by
maximum junction temperature. A VDD = 50V, starting TJ = 25C, L= 0.82 mH Peak IL = 12A, VGS = 12V A ISD 12A, di/dt 366A/s, VDD 200V, TJ 150C
A Pulse width 300 s; Duty Cycle 2% A Total Dose Irradiation with VGS Bias.
12 volt VGS applied and V DS = 0 during irradiation per MIL-STD-750, method 1019, condition A. A Total Dose Irradiation with VDS Bias. 160 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions -- TO-257AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 06/2004
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHY57230CMSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X